Part Number Hot Search : 
0040BPSL C8105 17N60 103K00 DKI04035 SSF3056C PJQ5460A A1203
Product Description
Full Text Search
 

To Download SDB1040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SDB1040
Schottky Barrier Diode
Features
* Low power rectified * Silicon epitaxial type * High reliability * Low IR (IR=10uA Typ)
Ordering Information
Type No. SDB1040 Marking 1A4 Package Code SOD-123
Outline Dimensions
unit :
mm
3.4~3.6 2.6~2.8
1.5~1.7
2
1
0.87~0.93
2
1
0.72~0.78 0.15
0.70
PIN Connections 1. Anode 2. Cathode
KSD-3032-000
1
SDB1040
Absolute maximum ratings
Characteristic
Peak reverse voltage Reverse voltage Average Rectified Forward current Non-repetitive peak surge forward current Junction temperature Storage temperature
Ta=25C
Symbol
VRM VR IF IFSM Tj Tstg
Rating
40 40 1.0 3 150 -55~150
Unit
V V A A C C
Electrical Characteristics
Characteristic
Forward voltage Reverse current Total capacitance
Ta=25C
Symbol
VF IR CT IF=1A VR=40V
Test Condition
Min. Typ. Max.
0.5 50 0.55 200 -
Unit
V A pF
VR=10V, f=1MHZ
* Pulse Test : Pulse width 250us, Duty 2%
KSD-3032-000
2
SDB1040
Electrical Characteristic Curves
00 Fig. 1 Forward Characteristics Fig. 2 Reverse Characteristics
Fig. 3 Total Capacitance
Fig. 4 IF - PF Forward Power dissipation
KSD-3032-000
3
SDB1040
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KSD-3032-000
4


▲Up To Search▲   

 
Price & Availability of SDB1040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X